전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTV15CAS 데이터시트(PDF) 4 Page - First Silicon Co., Ltd

부품명 FTV15CAS
상세설명  Dual Transient Voltage Suppressors Array for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV15CAS 데이터시트(HTML) 4 Page - First Silicon Co., Ltd

  FTV15CAS Datasheet HTML 1Page - First Silicon Co., Ltd FTV15CAS Datasheet HTML 2Page - First Silicon Co., Ltd FTV15CAS Datasheet HTML 3Page - First Silicon Co., Ltd FTV15CAS Datasheet HTML 4Page - First Silicon Co., Ltd FTV15CAS Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2012. 12. 10
4/5
Revision No : 0
FTV05CAS
Application Note
Electrostatic discharge (ESD) is a major cause of failure in electronic systems. Transient Voltage
Suppressors (TVS) are an ideal choice for ESD protection. They are capable of clamping the incoming transient
to a low enough level such that damage to the protected semiconductor is prevented.
Surface mount TVS arrays offer the best choice for minimal lead inductance. They serve as parallel
protection elements, connected between the signal line to ground. As the transient rises above the operating
voltage of the device, the TVS array becomes a low impedance path diverting the transient current to ground.
The
array is the ideal board evel protection of ESD sensitive semiconductor components.
The tiny SOT23 package allows design flexibility in the design of high density boards where the space
saving is at a premium. This enables to shorten the routing and contributes to hardening againt ESD.
FTV05CAS



Html Pages

1 2 3 4 5