전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPPC48751 데이터시트(PDF) 14 Page - Carlo Gavazzi Holding AG

부품명 SPPC48751
상세설명  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
홈페이지  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC48751 데이터시트(HTML) 14 Page - Carlo Gavazzi Holding AG

Back Button SPPC48751 Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 18Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
199 (7.8”)
25
(0.9”)
150 (5.9”)
199 (7.8”)
150 (5.9”)
25
(0.9”)
25
(0.9”)
33
(1.2”)
12.5
(0.4”)
8.5
(0.3”)
3-M4
37.5 (1.4”)
9.5 (0.3”)
49.5 (1.9”)
4 - Ø
4.4
126 (4.9”)
12 (0.47”)
119
(4.6”)
50 (1.9”)
33
(1.2”)
99
(3.8”)
85
(3.3”)
4-M3
Fixture A
Fixture B
Fixtur
e A (option)
Fixtur
e B (option)
2-M4
64 (2.5”)
65 (2.5”)
117 (4.6”)
SPPC 200W / 240W / 320W
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com