전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC28104 데이터시트(PDF) 4 Page - VITALCONN ELECTRONICS HK LTD.

부품명 SC28104
상세설명  SFP28 2*8 CONN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
홈페이지  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

SC28104 데이터시트(HTML) 4 Page - VITALCONN ELECTRONICS HK LTD.

  SC28104 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. SC28104 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. SC28104 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. SC28104 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.125
14.25
TYP
TYP
114 .00
EDGE OF BOARD
RECOMMENDED PCB LAYOUT-COMPONENT SI DE
RECOMMENDED PCB THICKNESS-2.63mm
TAIL D
SEE DE
TAIL C
SEE DE
3.50
3.50
TYP
TYP
5
DETAIL D
SCALE 2.5:1
L2
L5
L8
L20
L19
L18
L17
L16
L15
L14
L13
L12
L11
L1
L3
L4
L6
L7
L9
L10
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
IL C
DETA
80
9.
C
B
10
0.
LE
O
H
H
S
I
N
I
F
05
.
0
±
56
.
0
X
9
2
1
SCALE 2.
B
C
T11
T12
T13
T14
T15
T16
T17
T18
T19
T20
PIN MAP
50
0.
:1
INNER LIGHT PIPE
16 X 1.60± 0.03
DRILL HOLE
0.05
B C
TYP
GHT PIPE
OUTER LI
NTERED
LED CE
X3.0 LONG
2.0 WIDE
-IN ZONE
LED KEEP
C
B
05
0.
LE
O
H
H
S
I
N
I
F
05
.
0
±
37
.
0
X
0
2
3
YP
T
-OUT AREAS
3.95
3.95
TRACE KEEP
TYP
TYP
1. 30
0.80
7.20
RoHS Compliant



Html Pages

1 2 3 4