전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR20100CT 데이터시트(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 MBR20100CT
상세설명  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR20100CT 데이터시트(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR20100CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR20100CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR20100CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR20100CT THRU MBR20200CT
Features
● High frequency operation
● High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
Mechanical Data
● Package: TO-220AB
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity: As marked
■Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
MBR20100CT
MBR20150CT
MBR20200CT
Device marking code
MBR20100CT
MBR20150CT
MBR20200CT
Repetitive Peak Reverse Voltage
VRRM
V
100
150
200
Average Rectified Output Current @60Hz sine wave,
R-load, Ta=25℃
IO
A
20
Surge(Non-repetitive)Forward Current @60Hz half
sine-wave, 1 cycle, Ta=25℃
IFSM
A
150
Current Squared Time @1ms≤t<8.3ms Tj=25℃,
I
2t
A
2s
94
Storage Temperature
Tstg
℃
-55 ~ +175
Junction Temperature
Tj
℃
-55 ~ +175
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
MBR20100CT
MBR20150CT
MBR20200CT
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=10.0A
0.8
0.85
0.9
Maximum DC reverse current
at rated DC blocking voltage per
diode
IRRM1
mA
VRM=VRRM
Ta=25℃
0.1
IRRM2
VRM=VRRM
Ta=125℃
20
Schottky Diodes
Rev :
www.leiditech.com
01.06.2018
1/3


유사한 부품 번호 - MBR20100CT

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MBR20100CT MOTOROLA-MBR20100CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR20100CT DIODES-MBR20100CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Micro Commercial Compon...
MBR20100CT MCC-MBR20100CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBR20100CT IRF-MBR20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

유사한 설명 - MBR20100CT

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com