전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRB40100CT 데이터시트(PDF) 1 Page - First Silicon Co., Ltd

부품명 MBRB40100CT
상세설명  Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBRB40100CT 데이터시트(HTML) 1 Page - First Silicon Co., Ltd

  MBRB40100CT Datasheet HTML 1Page - First Silicon Co., Ltd MBRB40100CT Datasheet HTML 2Page - First Silicon Co., Ltd MBRB40100CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2017. 03. 05
1/3
Revision No : 0
Dual Schottky Barrier Rectifiers
Reverse Voltage 100 Volts Forward Current 40.0 Amperes
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-22B, TO-220F , TO-263 molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-220
TO-220F
TO-263(D2PAK)
Mounting Pad Layout TO-263
Dimensions in inches and (millimeters)
MBR40100CT, MBRF40100CT, MBRB40100CT


유사한 부품 번호 - MBRB40100CT

제조업체부품명데이터시트상세설명
logo
Sensitron
MBRB40100CT SENSITRON-MBRB40100CT Datasheet
87Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
MBRB40100CT SMC-MBRB40100CT Datasheet
245Kb / 7P
SCHOTTKY RECTIFIER
logo
SUNMATE electronic Co.,...
MBRB40100CT SUNMATE-MBRB40100CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
SMC Diode Solutions Co....
MBRB40100CT SMCDIODE-MBRB40100CT Datasheet
256Kb / 4P
MBRB40100CT SCHOTTKY RECTIFIER
Rev. C
More results

유사한 설명 - MBRB40100CT

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SB270 GOOD-ARK-SB270_15 Datasheet
138Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 2.0 Amperes
SB370_15VD GOOD-ARK-SB370_15VD Datasheet
151Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
TMBRF10100CT FS-TMBRF10100CT Datasheet
276Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
TMBRF20100CT FS-TMBRF20100CT Datasheet
402Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
TMBRF30100CT FS-TMBRF30100CT Datasheet
337Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
MBR3060CT FS-MBR3060CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
MBR10100CT FS-MBR10100CT Datasheet
321Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MBR30150CT FS-MBR30150CT Datasheet
291Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com