전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0809LD30P 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 0809LD30P
상세설명  30 WATT, 28V, 1 GHz LDMOS FET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

0809LD30P 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  0809LD30P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R.0.2P.991602-BEHRE
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE
WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
0809LD30P
30 WATT, 28V, 1 GHz
LDMOS FET
PRELIM I N A RY I S S U E
GENERAL DESCRIPTION
The 0809LD30P is a common source N-Channel enhancement mode lateral
MOSFET capable of providing 30 Watts of RF power from HF to 1 GHz. The
device is nitride passivated and utilizes gold metallization to ensure high
reliability and supreme ruggedness.
CASE OUTLINE
55QU
Common Source
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation @25
°C (P
d)
110 W
Thermal Resistance (
θ
JC)1.5°C/W
Voltage and Current
Drain-Source (VDSS)
65V
Gate-Source (VGS)
±20V
Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ΒV
dss
Drain-Source Breakdown
Vgs = 0V, Id = 2ma
65
70
V
Idss
Drain-Source Leakage Current
Vds = 28V, Vgs= 0V
1
A
Igss
Gate-Source Leakage Current
Vgs = 20V, Vds = 0V
1
A
Vgs(th)
Gate Threshold Voltage
Vds = 10V, Id = 10ma
2
4
5
V
Vds(on)
Drain-Source On Voltage
Vgs = 10V, Id = 2A
1.0
V
gFS
Forward Transconductance
Vds = 10V, Id = 3A
1.4
S
Ciss
Input Capacitance
Vds = 28V, Vgs = 0V, F = 1 MHz
60
pF
Crss
Reverse Transfer Capacitance
Vds = 28V, Vgs = 0V, F = 1 MHz
2.5
pF
Coss
Output Capacitance
Vds = 28V, Vgs = 0V, F = 1 MHz
32
pF
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
GPS
Common Source Power Gain
Vds = 28V, Idq = 0.15A,
F = 900MHz, Pout = 30W
14
dB
η
d
Drain Efficiency
Vds = 28V, Idq = 0.15A,
F = 900MHz, Pout = 30W
50
%
IMD3
Intermodulation Distortion,
3
rd Order
Vds = 28V, Idq = 0.3A,
Pout =30WPEP, F1 = 900 MHz,
F2 = 900.1 MHz
-30
dBc
Ψ
Load Mismatch
Vds = 28V, Idq = 0.15A,
F = 900MHz, Pout = 30W
10:1


유사한 부품 번호 - 0809LD30P

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
0809LD30 ETC1-0809LD30 Datasheet
16Kb / 1P
30 WATT, 28V, 1 GHz LDMOS FET
More results

유사한 설명 - 0809LD30P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
27-30 GHZ 1 Watt Power Amplifier MMIC
logo
List of Unclassifed Man...
0809LD120 ETC1-0809LD120 Datasheet
17Kb / 1P
120 WATT, 28V, 1 GHz LDMOS FET
0809LD30 ETC1-0809LD30 Datasheet
16Kb / 1P
30 WATT, 28V, 1 GHz LDMOS FET
0809LD60 ETC1-0809LD60 Datasheet
16Kb / 1P
60 WATT, 28V, 1 GHz LDMOS FET
0809LD60P ETC1-0809LD60P Datasheet
15Kb / 1P
60 WATT, 28V, 1 GHz LDMOS FET
logo
SIRENZA MICRODEVICES
SLD-3091FZ SIRENZA-SLD-3091FZ Datasheet
356Kb / 8P
30 Watt Discrete LDMOS FET in Ceramic Flanged Package
SLD-2000 SIRENZA-SLD-2000 Datasheet
474Kb / 5P
12 Watt Discrete LDMOS FET-Bare Die
logo
TriQuint Semiconductor
T1L2003028-SP TRIQUINT-T1L2003028-SP Datasheet
378Kb / 4P
30 W, 28V, 500 MHz-2 GHz, PowerbandTM LDMOS RF Power Transistor
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
182Kb / 6P
LDMOS RF Line Power FET Transistor 30 W , 1600-1700 MHz, 28V
MAPLST2122-030CF MA-COM-MAPLST2122-030CF Datasheet
188Kb / 7P
LDMOS RF Line Power FET Transistor 30 W , 2110-2170 MHz, 28V
More results


Html Pages

1