전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C03 데이터시트(PDF) 44 Page - Advanced Micro Devices

부품명 AM79C03
상세설명  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C03 데이터시트(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C03 Datasheet HTML 40Page - Advanced Micro Devices AM79C03 Datasheet HTML 41Page - Advanced Micro Devices AM79C03 Datasheet HTML 42Page - Advanced Micro Devices AM79C03 Datasheet HTML 43Page - Advanced Micro Devices AM79C03 Datasheet HTML 44Page - Advanced Micro Devices AM79C03 Datasheet HTML 45Page - Advanced Micro Devices AM79C03 Datasheet HTML 46Page - Advanced Micro Devices AM79C03 Datasheet HTML 47Page - Advanced Micro Devices AM79C03 Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
Am79C02/03/031(A) Data Sheet
A-Law and
µ-Law Companding
Table 1 and Table 2 show the companding definitions used for A-law and
µ-law PCM encoding.
Table 1. A-Law: Positive Input Values
Notes:
1. 4096 normalized value units correspond to TMAX = 3.14 dBm0.
2. The character signals are obtained by inverting the even bits of the signals of column 6. Before this inversion, the character
signal corresponding to positive input values between two successive decision values numbered n and n+1 (see column 4)
is 128+n, expressed as a binary number.
3. The value at the decoder output is
, for n = 1,...127, 128.
4. x128 is a virtual decision value.
5. Bit 1 is a 0 for negative input values.
12
3
4
5
6
7
8
Segment
# Intervals
x Interval
Size
Value at
Segment
End Points
Decision
Value
Number n
Decision
Value xn
(See Note 1)
Character
Signal pre
Inversion of
Even Bits
Quantized
Value (at
Decoder
Output) yn
Decoder
Output
Value No.
Bit No.
Number
1 2 3 4 5 6 7 8
4096
(128)
(4096)
7
6
5
4
1 1 1 1 1 1 1 1
4032
128
3968
127
2048
1024
113
112
97
96
See Note 2
1 1 1 1 0 0 0 0
2176
2048
2112
113
See Note 2
1 1 1 0 0 0 0 0
1088
1024
1056
97
512
81
80
See Note 2
1 1 0 1 0 0 0 0
544
512
528
81
256
65
64
See Note 2
1 1 0 0 0 0 0 0
272
256
264
65
3
128
49
48
See Note 2
1 0 1 1 0 0 0 0
136
128
132
49
2
64
33
32
See Note 2
1 0 1 0 0 0 0 0
68
64
66
33
1
1
0
See Note 2
1 0 0 0 0 0 0 0
2
0
11
16 x 128
16 x 64
16 x 32
16 x 16
16 x 8
16 x 4
32 x 2
y
n
x
n1
–
x
n
+
2
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48