전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM530B 데이터시트(PDF) 3 Page - First Silicon Co., Ltd

부품명 SM530B
상세설명  SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SM530B 데이터시트(HTML) 3 Page - First Silicon Co., Ltd

  SM530B Datasheet HTML 1Page - First Silicon Co., Ltd SM530B Datasheet HTML 2Page - First Silicon Co., Ltd SM530B Datasheet HTML 3Page - First Silicon Co., Ltd SM530B Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2012. 02. 20
3/4
Revision No : 0
SM520B thru SM5100B
PACKAGE DIMENSIONS
SMB
DO-214AA
E
b
D
c
L1
L
A
A1
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.90
2.13
2.45
0.075
INCHES
A1
0.05
0.10
0.20
0.002
b
1.96
2.03
2.20
0.077
c
0.15
0.23
0.31
0.006
D
3.30
3.56
3.95
0.130
E
4.06
4.32
4.60
0.160
L
0.76
1.02
1.60
0.030
0.084
0.096
0.004
0.008
0.080
0.087
0.009
0.012
0.140
0.156
0.170
0.181
0.040
0.063
NOM
MAX
5.21
5.44
5.60
0.205
0.214
0.220
HE
0.51 REF
0.020 REF
D
L1
HE
2.261
0.089
2.743
0.108
2.159
0.085
mm
inches
SCALE 8:1
SOLDERING FOOTPRINT*



Html Pages

1 2 3 4