전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT854AW 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BAT854AW
상세설명  Schottky barrier (double) diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT854AW 데이터시트(HTML) 2 Page - NXP Semiconductors

  BAT854AW Datasheet HTML 1Page - NXP Semiconductors BAT854AW Datasheet HTML 2Page - NXP Semiconductors BAT854AW Datasheet HTML 3Page - NXP Semiconductors BAT854AW Datasheet HTML 4Page - NXP Semiconductors BAT854AW Datasheet HTML 5Page - NXP Semiconductors BAT854AW Datasheet HTML 6Page - NXP Semiconductors BAT854AW Datasheet HTML 7Page - NXP Semiconductors BAT854AW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Feb 27
2
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT854W series
FEATURES
• Very low forward voltage
• Very low reverse current
• Guard ring protected
• Very small SMD plastic package.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Blocking diodes
• Low power consumption
applications (e.g. hand-held
applications).
DESCRIPTION
Planar Schottky barrier diodes
encapsulated in a SOT323 very small
SMD plastic package. Single diodes
and double diodes with different
pinning are available.
MARKING
PINNING
TYPE NUMBER
MARKING
CODE
BAT854W
81
BAT854AW
82
BAT854CW
83
BAT854SW
84
PIN
SYMBOL
BAT854W
1a
2
n.c.
3k
BAT854AW
1k1
2k2
3a1,a2
BAT854CW
1a1
2a2
3k1, k2
BAT854SW
1a1
2k2
3k1, a2
handbook, 2 columns
3
12
MBC870
Top view
Fig.1
Simplified outline
SOT323 and pin
configuration.
3
12
n.c.
MLC357
Fig.2
BAT854W single diode
configuration (symbol).
3
12
MLC360
Fig.3
BAT854AW diode
configuration (symbol).
3
12
MLC359
Fig.4
BAT854CW diode
configuration (symbol).
3
12
MLC358
Fig.5
BAT854SW diode
configuration (symbol).



Html Pages

1 2 3 4 5 6 7 8