전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UTD436L-TN3-R 데이터시트(PDF) 6 Page - VBsemi Electronics Co.,Ltd

부품명 UTD436L-TN3-R
상세설명  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UTD436L-TN3-R 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  UTD436L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UTD436L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UTD436L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UTD436L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UTD436L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UTD436L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UTD436L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TO-252AA CASE OUTLINE
Note
• Dimension L3 is for reference only.
b
b2
e1
E1
C
A1
e
b3
E
C2
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.38
0.086
0.094
A1
-
0.127
-
0.005
b
0.64
0.88
0.025
0.035
b2
0.76
1.14
0.030
0.045
b3
4.95
5.46
0.195
0.215
C
0.46
0.61
0.018
0.024
C2
0.46
0.89
0.018
0.035
D
5.97
6.22
0.235
0.245
D1
5.21
-
0.205
-
E
6.35
6.73
0.250
0.265
E1
4.32
-
0.170
-
H
9.40
10.41
0.370
0.410
e
2.28 BSC
0.090 BSC
e1
4.56 BSC
0.180 BSC
L
1.40
1.78
0.055
0.070
L3
0.89
1.27
0.035
0.050
L4
-
1.02
-
0.040
L5
1.14
1.52
0.045
0.060
ECN: X12-0247-Rev. M, 24-Dec-12
DWG: 5347
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UTD436L-TN3-R
6



Html Pages

1 2 3 4 5 6 7