전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FTV05UT 데이터시트(PDF) 4 Page - First Silicon Co., Ltd

부품명 FTV05UT
상세설명  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV05UT 데이터시트(HTML) 4 Page - First Silicon Co., Ltd

  FTV05UT Datasheet HTML 1Page - First Silicon Co., Ltd FTV05UT Datasheet HTML 2Page - First Silicon Co., Ltd FTV05UT Datasheet HTML 3Page - First Silicon Co., Ltd FTV05UT Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FTV3.3UT
2014. 05. 02
4/4
Revision No : 0
SOD−923
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
DIM MIN
NOM MAX
MILLIMETERS
A
0.34
0.37
0.40
b
0.15
0.20
0.25
c
0.07
0.12
0.17
D
0.75
0.80
0.85
E
0.55
0.60
0.65
0.95
1.00
1.05
L
0.05
0.10
0.15
HE
0.013 0.015 0.016
0.006 0.008 0.010
0.003 0.005 0.007
0.030 0.031 0.033
0.022 0.024 0.026
0.037 0.039 0.041
0.002 0.004 0.006
MIN
NOM MAX
INCHES
D
E
b
c
A
L
2X
−Y−
−X−
0.08 (0.0032)
X Y
HE
0.40
0.30
0.90
DIMENSIONS: MILLIMETERS
SOLDERING FOOTPRINT*
2
1



Html Pages

1 2 3 4