| 전자부품 데이터시트 검색엔진 |
|
TC210 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC210 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 13 page ![]() TC210 192- × 165-PIXEL CCD IMAGE SENSOR SOCS009B – OCTOBER 1986 – REVISED MAY 1990 2-5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional description (continued) Each clock pulse applied to the image-area gate causes an automatic fast clear of the 192 image pixels and 12 dark pixels of the serial register before the next image line is transferred into the serial register. (Note that the six dummy pixels at the front of the serial register, which are used to transport charge packets from the serial register to the amplifier input, are not cleared by the image-area gate clock.) The automatic fast-clear feature can be used to initialize the image area by transferring all 165 image lines to the serial-register gate under dark conditions without clocking the serial-register gate. Direction of Vertical Charge Transfer ABG High IAG Low Low ABG Intermediate ABG 1 Pixel Antiblooming Gate Barriers Potential Wells 16 µm Vertical 13.75 µm Horizonal IAG High Representative Top View of Pixels Virtual Phase Clocked Phase (image- area gate) Virtual Phase Virtual Phase Channel Stop Cross Section of Pixels Cross Section of Potentials in Silicon Clocked Phase (image- area gate) Clocked Phase (image- area gate) Etched Polysilicon Insulating Oxide Silicon Figure 1. Charge Accumulation and Transfer Process |