| 전자부품 데이터시트 검색엔진 |
|
C0805C103C4RAC 데이터시트(PDF) 1 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C0805C103C4RAC 데이터시트(HTML) 1 Page - Kemet Corporation |
|
1 / 2 page ![]() KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 38 KEMET ® C 0805 C 103 K 5 R A C* CERAMIC SIZE CODE SPECIFICATION C - Standard CAPACITANCE CODE Expressed in Picofarads (pF) First two digits represent significant figures. Third digit specifies number of zeros. (Use 9 for 1.0 thru 9.9pF. Use 8 for 0.5 through 0.99pF) (Example: 2.2pF = 229 or 0.50 pF = 508) CAPACITANCE TOLERANCE B – ±0.10pF J – ±5% C – ±0.25pF K – ±10% D – ±0.5pF M – ±20% F – ±1% P – (GMV) G – ±2% Z – +80%, -20% L # W # T (EIA) # B S MOUNTING LENGTH WIDTH THICKNESS MAX. BANDWIDTH MIN. SEPARATION TECHNIQUE 1.0 (.04) ± .05(.002) 0.5 (.02) ± .05 (.002) 0.55 (.022) 0.20 (0.008)-0.40 (0.016) 0.3 (.012) Solder Reflow 1.6 (.063) ± 0.15 (.006) 0.8 (.032) ± 0.15 (.006) 0.9 (.035) 0.35 (.014) ±0.15 (.006) 0.7 (.028) 2.0 (.079) ± 0.2 (.008) 1.25 (.049) ± 0.2 (.008) 1.3 (.051) 0.5 (.02) ±.25 (.010) 0.75 (.030) Solder Wave 3.2 (.126) ± 0.2 (.008) 1.6 (.063) ± 0.2 (.008) 1.5 (.059) 0.5 (.02) ±.25 (.010) N/A Solder Reflow 3.2 (.126) ± 0.2 (.008) 2.5 (.098) ± 0.2 (.008) 1.7 (.067) 0.5 (.02) ±.25 (.010) N/A 4.5 (.177) ± 0.3 (.012) 3.2 (.126) ± 0.3 (.012) 1.7 (.067) 0.6 (.024) ±.35 (.014) N/A 4.5 (.177) ± 0.3 (.012) 6.4 (.252) ± 0.4 (.016) 1.7 (.067) 0.6 (.024) ±.35 (.014) N/A 5.6 (.220) ± 0.4 (.016) 5.0 (.197) ± 0.4 (.016) 1.8 (.071) 0.6 (.024) ±.35 (.014) N/A 5.6 (.220) ± 0.4 (.016) 6.3 (.248) ± 0.4 (.016) 2.0 (.079) 0.6 (.024) ±.35 (.014) N/A DIMENSIONS—MILLIMETERS AND (INCHES) CAPACITOR ORDERING INFORMATION • C0G (NP0), X7R, Z5U and Y5V Dielectrics • 10, 16, 25, 50, 100 and 200 Volts • Standard End Metalization: Tin-plate over nickel barrier • Available Capacitance Tolerances: ±0.10 pF; ±0.25 pF; ±0.5 pF; ±1%; ±2%; ±5%; ±10%; ±20%; and +80%-20% • Tape and reel packaging per EIA481-1. (See page 51 for specific tape and reel information.) Bulk Cassette packaging (0402, 0603, 0805 only) per IEC60286-6 and EIAJ 7201. FEATURES CAPACITOR OUTLINE DRAWINGS END METALLIZATION C-Standard (Tin-plated nickel barrier) FAILURE RATE LEVEL A- Not Applicable TEMPERATURE CHARACTERISTIC Designated by Capacitance Change Over Temperature Range G – C0G (NP0) (±30 PPM/°C) R – X7R (±15%) U – Z5U (+22%, -56%) V – Y5V (+22%, -82%) VOLTAGE 1 - 100V 3 - 25V 2 - 200V 4 - 16V 5 - 50V 8 - 10V W L T B S TIN PLATE NICKEL PLATE CONDUCTIVE METALLIZATION ELECTRODES * Part Number Example: C0805C103K5RAC (14 digits - no spaces) * Note: Indicates EIA Preferred Case Sizes # Note: Different tolerances apply for 0402, 0603, and 0805 packaged in bulk cassette. or Solder Reflow CERAMIC CHIP/STANDARD METRIC SIZE CODE (Ref only) 1005 1608 2012 3216 3225 4532 4564 5650 5664 EIA SIZE CODE 0402* 0603* 0805* 1206* 1210* 1812 1825* 2220 2225 (Standard Chips - For Military see page 45) |
유사한 부품 번호 - C0805C103C4RAC |
|
유사한 설명 - C0805C103C4RAC |