전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI1031 데이터시트(PDF) 3 Page - Texas Instruments

부품명 PCI1031
상세설명  PCI-TO-PC CARD16 CONTROLLER UNIT
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI1031 데이터시트(HTML) 3 Page - Texas Instruments

  PCI1031 Datasheet HTML 1Page - Texas Instruments PCI1031 Datasheet HTML 2Page - Texas Instruments PCI1031 Datasheet HTML 3Page - Texas Instruments PCI1031 Datasheet HTML 4Page - Texas Instruments PCI1031 Datasheet HTML 5Page - Texas Instruments PCI1031 Datasheet HTML 6Page - Texas Instruments PCI1031 Datasheet HTML 7Page - Texas Instruments PCI1031 Datasheet HTML 8Page - Texas Instruments PCI1031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
PCI1031
PCI-TO-PC CARD16 CONTROLLER UNIT
SCPS008B – FEBRUARY 1996 – REVISED DECEMBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
system block diagram – 16-bit PC Card interface
A simplified system block diagram using the PCI1031 is provided below. The PCI950 IRQ deseralizer and the
PCI930 zoomed video (ZV) switch are optional functions that can be used when the system requires that
capability.
The PCI interface includes all address/data and control signals for PCI protocol. The 68-pin PC Card interface
includes all address/data and control signals for 16-bit (R2) protocols. When zoomed video (ZV) is enabled (in
16-bit PC Card mode) 23 of the 68 signals are redefined to support the ZV protocol.
The interrupt interface includes terminals for parallel PCI, parallel ISA, and serialized PCI and ISA signaling.
Other miscellaneous system interface terminals are available on the PCI1031 that include:
D Multifunction IRQ terminals
D SUSPEND, RI_OUT (power management control signals)
D SPKROUT.
PCI Bus
PCI1031
PCI950
IRQSER
Deserializer
IRQSER
3
Interrupt
Controller
INTA
INTB
IRQ2–15
PCI930
ZV Switch
23
23
PC Card
Socket A
TPS22xx
Power
Switch
3
PC Card
Socket B
External ZV Port
VGA
Controller
Audio
Sub-System
Zoom Video
19
4
Zoom Video
68
68
NOTE: The PC Card interface is 68 pins for CardBus and 16-bit PC Cards. In zoomed-video mode 23 pins are used for routing the zoomed
video signals too the VGA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com