전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P83C453EBAA 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 P83C453EBAA
상세설명  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C453EBAA 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button P83C453EBAA Datasheet HTML 11Page - NXP Semiconductors P83C453EBAA Datasheet HTML 12Page - NXP Semiconductors P83C453EBAA Datasheet HTML 13Page - NXP Semiconductors P83C453EBAA Datasheet HTML 14Page - NXP Semiconductors P83C453EBAA Datasheet HTML 15Page - NXP Semiconductors P83C453EBAA Datasheet HTML 16Page - NXP Semiconductors P83C453EBAA Datasheet HTML 17Page - NXP Semiconductors P83C453EBAA Datasheet HTML 18Page - NXP Semiconductors P83C453EBAA Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-325
AC ELECTRICAL CHARACTERISTICS (Continued)
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Port 6 output
tOLOH
13
ODS width
209
3tCLCL+20
ns
tFVDV
14
SEL to data out delay
85
85
ns
tOLDV
13
ODS to data out delay
80
80
ns
tOHDZ
13
ODS to data float delay
35
35
ns
tOVFV
13
ODS to AFLAG (OBF) delay
100
100
ns
tFLDV
13
PE to data out delay
120
120
ns
tOHFH
14
ODS to AFLAG (SEL) delay
100
100
ns
External Clock
tCHCX
17
High time
20
20
ns
tCLCX
17
Low time
20
20
ns
tCLCH
17
Rise time
20
20
ns
tCHCL
17
Fall time
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com