전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC2301 데이터시트(PDF) 2 Page - Torex Semiconductor

부품명 XC2301
상세설명  Tri-State Buffer ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301 데이터시트(HTML) 2 Page - Torex Semiconductor

  XC2301 Datasheet HTML 1Page - Torex Semiconductor XC2301 Datasheet HTML 2Page - Torex Semiconductor XC2301 Datasheet HTML 3Page - Torex Semiconductor XC2301 Datasheet HTML 4Page - Torex Semiconductor XC2301 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XC2301 Series
118
1
■Packaging Information
GSOT-26
■Product Classification
GOrdering Information
■Marking
DESTINATION
Divider Ratio :
1:Q0=fin/1
DESTINATION
V:Tri-state Buffer
DESCRIPTION
DESCRIPTION
4:Q0=fin/4
2:Q0=fin/2
8:Q0=fin/8
5 :(Fixed Number)
Package
M:SOTー26
Duty Level
C:CMOS(VDD/2)
Device Orientation
R:Embossed Tape (Standard Feed)
L:Embossed Tape (Reverse Feed)
  
XC2301 qwerty
1
2
4
3
5
6
SOT-26
(TOP VIEW)
qRepresents the series name.
wRepresents the Divider Ratio
rRepresents the Assembly Lot No.
(Based on internal standards)
MARK
1
MARK
V
qwer
eRepresents the Tri-state Buffer ICs
MARK
RATIO
C
fin/1
D
fin/2
MARK
RATIO
E
fin/4
F
fin/8
(0.95)
(0.5)
1.9±0.2
2.9±0.2
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
0.4
+0.1
-0.05
0.4
+0.1
-0.05
01S_18XC2301 02.09.12 11:41 ページ 118



Html Pages

1 2 3 4 5