| 전자부품 데이터시트 검색엔진 |
|
M6DXF2-Z1S2V2-R 데이터시트(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DXF2-Z1S2V2-R 데이터시트(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: M6DXF2 M6DXF2 SPECIFICATIONS ES-7848 Rev.6 Page 5/5 http://www.m-system.co.jp/ FUNCTIONS s FUNCTIONS • Math Functions Temperature compensation (w/o square root extraction) K1X1 X0 = –––––––––– √K2X2 + A2 where X0 : Compensated flow (linear characteristics) X1 : Uncompensated flow X2 : Temperature Temperature compensation (with square root extraction) K1 √ X1 X0 = –––––––––– √K2X2 + A2 where X0 : Compensated flow (linear characteristics) X1 : Uncompensated flow X2 : Temperature Pressure compensation (w/o square root extraction) X0 = K1X1 √K2X2 + A2 where X0 : Compensated flow (linear characteristics) X1 : Uncompensated flow X2 : Pressure Pressure compensation (with square root extraction) X0 = K1 √ X1√K2X2 + A2 where X0 : Compensated flow (linear characteristics) X1 : Uncompensated flow X2 : Pressure Addition / Subtraction X0 = K0{K1(X1 + A1) + K2(X2 + A2)} + A0 Multiplication X0 = K0(K1X1 + A1) (K2X2 + A2) + A0 Division K0(K1X1 + A1) X0 = ––––––––––––––– + A0 (K2X2 + A2) • Signal Selector Functions High selector X0 = X1 with X1 ≥ X2 X0 = X2 with X1 < X2 Low selector X0 = X2 with X1 ≥ X2 X0 = X1 with X1 < X2 Available range X0 : Output (%) -2 to +102% X1 through X2 : Input (%) -2 to +102% K0 through K2 : Gain (no unit) ±29.999 A0 through A2 : Bias (%) ±299.99% Factory default setting: Addition / Subtraction K0 = 1, K1 = 1, K2 = 1, A0 = 0%, A1 = 0%, A2 = 0% Specifications are subject to change without notice. |