| 전자부품 데이터시트 검색엔진 |
|
M2RS-45-R2/UL 데이터시트(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2RS-45-R2/UL 데이터시트(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: M2RS M2RS SPECIFICATIONS ES-5013 Rev.25 Page 2/4 http://www.m-system.co.jp/ [4] OPTIONS (multiple selections) Response Time (0 – 90 %) blank: Standard (≤ 0.5 sec.) /K: Fast Response (Approx. 25 msec.) Burnout blank: Upscale burnout /BL: Downscale burnout Standards & Approvals (must be specified) /N: Without CE or UL /CE: CE marking /UL: UL approval, CE marking Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating (UL not available) ADJUSTMENT /V01: Multi-turn fine adjustment (UL not available) TERMINAL SCREW MATERIAL /S01: Stainless steel (UL not available) GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3 screw terminals (torque 0.8 N·m) Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) At burnout: Downscale ≤ -10 %, Upscale ≥ 110 % Linearization: Standard (not available for the input code C) INPUT SPECIFICATIONS Maximum leadwire resistance: 200 Ω per wire (3-wire) Sensing current: 2 mA (Pt);1 mA (Ni 508.4 Ω) Refer to 'Cu Input' for the input code C. OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power Consumption •AC: Approx. 3 VA at 100 V Approx. 4 VA at 200 V Approx. 5 VA at 264 V •DC: Approx. 3 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 150 g (0.33 lb) PERFORMANCE in percentage of span Accuracy: ±0.2 % (Refer to ‘Cu INPUT’ for the input code C.) Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Refer to ‘Cu Input’ for the input code C. Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) Cu INPUT ■ INPUT • Sensing current (resistance span): 140 Ω ≤ Span ≤ 300 Ω : 1 mA 12 Ω ≤ Span < 140 Ω : 2 mA 8 Ω ≤ Span < 12 Ω : 3 mA 3.5 Ω ≤ Span < 8 Ω : 5 mA • Max. leadwire resistance: 200 Ω or the value calculated using the equation below, whichever is smaller. Leadwire resistance(Ω) = (2500 - 100% resistance(Ω) × Sensing current(mA)) ÷ (3 × Sensing current(mA)) • Usable range: 3.5 Ω ≤ Resistance span(Ω) ≤ 300Ω 100 % resistance(Ω) ≤ (2500 – 3 × Leadwire resistance (Ω) × Sensing current (mA)) ÷ Sensing current (mA) ■ PERFORMANCE • Accuracy Resistance span ≥ 20 Ω: ±0.2 % Otherwise use the equation below: Accuracy(%) = 0.02(Ω) ÷ Resistance span(Ω) × 100 + 0.1(%) × 40(mV) ÷ (Resistance span(Ω) × Sensing current(mA)) • Temperature coefficient |