| 전자부품 데이터시트 검색엔진 |
|
M2VF2-32-M/Q 데이터시트(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2VF2-32-M/Q 데이터시트(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: M2VF2 M2VF2 SPECIFICATIONS ES-5055 Rev.12 Page 2/5 http://www.m-system.co.jp/ [4] OPTIONS (multiple selections) Standards & Approvals (must be specified) /N: Without CE or UL /CE: CE marking /UL: UL approval, CE marking Custom specification (Refer to the custom specification list for difference of specification and combination of code numbers.) blank: none /X1: Input (CE or UL not available) Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating (UL not available) TERMINAL SCREW MATERIAL /S01: Stainless steel (UL not available) GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3 screw terminals (torque 0.8 N·m) Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) (±2 % with the output suffix codes 4W and 5W selected) Span adjustment: 95 to 105 % (front) (98 to 102 % with the output suffix codes 4W and 5W selected.) INPUT SPECIFICATIONS ■ DC Current: Shunt resistor attached to the input terminals (0.5 W) Specify input resistance value for code Z. ■ DC Voltage: -300 – +300 V DC (-30 – +30 V for the input code 01. Span 60 V max.) Minimum span: 1 V Offset: Max. 1.5 times span Input resistance: ≥ 1 MΩ OUTPUT SPECIFICATIONS ■ DC Current Parallel load capacitance: Max. 2000 pF INSTALLATION Power Consumption •AC: Approx. 4 VA at 100 V Approx. 5 VA at 200 V Approx. 6 VA at 264 V •DC: Approx. 3 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 150 g (0.33 lb) PERFORMANCE in percentage of span Accuracy: ±0.1 % Temp. coefficient: ±0.02 %/°C (±0.01 %/°F) Frequency characteristics: 15 kHz, -3 dB Response time: ≤ 30 µsec. (0 – 90 %) (except the user specified ranges) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II Pollution Degree 2 Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) |