| 전자부품 데이터시트 검색엔진 |
|
M2VF-65W-R2/Q 데이터시트(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2VF-65W-R2/Q 데이터시트(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: M2VF M2VF SPECIFICATIONS ES-5014 Rev.20 Page 5/6 http://www.m-system.co.jp/ CUSTOM SPECIFICATION : OPTION /X1 Major specification changes Response time: 5.3 msec. ±30 % MODEL: M2VF–4W4W–[3]/N/X1[4] Same as standard specification (without customization) except followings. Refer to standard specification pages. ORDERING INFORMATION • Code number: M2VF-4W4W-[3]/N/X1[4] For [3] and [4] same code as standard specification is available. (e.g. M2VF-4W4W-M2/N/X1/Q) Refer to standard specification pages. SPECIFICATION CHANGES ■ Performance in percentage of span Response time: 5.3 msec. ±30 % (0 – 90 %) |