| 전자부품 데이터시트 검색엔진 |
|
M2TT-84-R2/Q 데이터시트(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2TT-84-R2/Q 데이터시트(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: M2TT M2TT SPECIFICATIONS ES-5131 Rev.4 Page 2/4 http://www.m-system.co.jp/ SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3 screw terminals (torque 0.8 N·m) Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) Linearization: Standard Cold junction compensation: CJC sensor attached to the input terminals INPUT SPECIFICATIONS Minimum span: 3 mV Offset: Max. 1.5 times span Input resistance: 30 kΩ min. Burnout sensing: 0.1 μA MIN. span (in °C) (PR): min. span 370°C K (CA): min. span 75°C E (CRC): min. span 50°C J (IC): min. span 60°C T (CC): min. span 75°C B (RH): min. span 780°C R: min. span 360°C S: min. span 380°C N: min. span 110°C MIN. span (in °F) (PR): min. span 670°F K (CA): min. span 140°F E (CRC): min. span 90°F J (IC): min. span 110°F T (CC): min. span 140°F B (RH): min. span 1410°F R: min. span 650°F S: min. span 690°F N: min. span 200°F Remark: The described accuracy may be partially not satisfied when the temperature ranges below 0°C. Consult factory. OUTPUT SPECIFICATIONS ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power Consumption •AC: Approx. 3 VA at 100 V Approx. 4 VA at 200 V Approx. 5 VA at 264 V •DC: Approx. 3 W Performance-guaranteed temperature: -15 to + 65°C (5 to 149 °F) Operating temperature: -20 to +80 °C (-4 to +176°F); must be higher than -10°C (14°F) at power on Operating humidity: 10 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 150 g (0.33 lb) PERFORMANCE in percentage of span Accuracy: ±0.4 % (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) Cold junction compensation error (at 25°C ±10°C or 77°F ±18°F) K, E, J, T & N: ±0.5°C or ±0.9°F S, R & PR: ±1°C or ±1.8°F Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) (±0.03 %/°C (±0.02 %/°F) for outside of the performance- guaranteed temperature range) Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II |