| 전자부품 데이터시트 검색엔진 |
|
M8BS-16Y2-R 데이터시트(PDF) 10 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-16Y2-R 데이터시트(HTML) 10 Page - M-System Co.,Ltd. |
|
10 / 14 page ![]() MODEL: M8BS-16 M8BS-16 SPECIFICATIONS ES-5490 Rev.14 Page 10/14 http://www.m-system.co.jp/ ■ MODEL: M8BS-16Y2 (Yokogawa DCS MAC2/PAC card use (PS-40PE-D4T1-PN1) / screw terminal block) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 i o i o i o i o i o i o i o i o *The MAC2 card (uses KS1 cable) is used to control I/O in Yokogawa DCS. Input and output, each 8 points, are paired and located as shown above. The PAC card I/O allocation is the same as that for the MAC2 card, except that pulse input modules are used. Pico-M LOCATION NO. • Location CN1: MAC2 / PAC card use* CN2: MAC2 / PAC card use* (dual redundancy) The input or output 1 is connected to the connector. MAC2/PAC CARD INPUT (i) or OUTPUT (o) ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT** A B C D Ch.16 INPUT** PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG U(+) V(–) POWER 3 2 1 A B C D CN1 CN2 CN2 Ch.1 INPUT** A B C D Ch.16 INPUT** ■ Power Supply Unit Code R, K ■ Power Supply Unit Code KK, L * + – + – + – + – OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.16 OUTPUT** * For power supply unit code KK only. ** The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. |