전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M8XR2-3V2V2-R 데이터시트(PDF) 3 Page - M-System Co.,Ltd.

부품명 M8XR2-3V2V2-R
상세설명  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8XR2-3V2V2-R 데이터시트(HTML) 3 Page - M-System Co.,Ltd.

  M8XR2-3V2V2-R Datasheet HTML 1Page - M-System Co.,Ltd. M8XR2-3V2V2-R Datasheet HTML 2Page - M-System Co.,Ltd. M8XR2-3V2V2-R Datasheet HTML 3Page - M-System Co.,Ltd. M8XR2-3V2V2-R Datasheet HTML 4Page - M-System Co.,Ltd. M8XR2-3V2V2-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M8XR2
M8XR2 SPECIFICATIONS
ES-5471 Rev.8 Page 3/5
http://www.m-system.co.jp/
HOW TO CALCULATE THE ACCURACY
■ Overall Accuracy
[Example] Pt 100, 0 – 700°C, 1 – 5 V output
Input Accuracy
= Max. Range ÷ Input Span × Input Accuracy
= 1050 ÷ 700 × 0.02
= 0.03
Output Accuracy
= Max. Range ÷ Output Span × Output Accuracy
= 20 ÷ 4 × 0.02
= 0.1
Overall Accuracy
= 0.03 + 0.1
= ±0.13 %
■ Accuracy with a User’s Temperature Table
Custom input accuracy + output accuracy
(Inversely proportional to the span)
Input Accuracy:
(a) Ω ÷ Input Span × 100 %
where (a) is 100mΩ or [Max. Range × 0.2 %], whichever is
greater.
The accuracy applies only at the user’s calibration points.
Data between each point is approximated with a linear line,
thus is not applicable.
Output Accuracy: ≤ ±0.04 %
[Example] 100 – 200 Ω input, 1 – 5 V output
(a) is the greater value among: 200 Ω × 0.2 % = 400 mΩ, or
100 mΩ, thus 400 mΩ is selected.
Input Accuracy = 400 mΩ ÷ 100 Ω × 100 = 0.4
Output Accuracy = 20 ÷ 4 × 0.04 = 0.2
Overall Accuracy = 0.4 + 0.2 = ±0.6 %
50
100
150
200
250
0
10
20
30
40
50
60
°C
Ω
Approximated Line
Data Point
Actual Line



Html Pages

1 2 3 4 5