| 전자부품 데이터시트 검색엔진 |
|
EWL4532-R39 데이터시트(PDF) 5 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
|
|||||||||||||||||||||||||||||
EWL4532-R39 데이터시트(HTML) 5 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
5 / 7 page ![]() ECE - The Name You Can Trust! ◆ TYPE: EWL 4532 Part No. Inductance (µH) Tolerance (±%) Q (Min.) L, Q Test Frequency (MHz) SRF (MHz) Min. DC Resistance (Ω)Max. Rating Current (mA)Max. EWL4532-R10 0.10 K,M 28 25.2 700 0.44 450 EWL4532-R12 0.12 K,M 30 25.2 500 0.22 450 EWL4532-R15 0.15 K,M 30 25.2 450 0.25 450 EWL4532-R18 0.18 K,M 30 25.2 400 0.28 450 EWL4532-R22 0.22 K,M 30 25.2 350 0.32 450 EWL4532-R27 0.27 K,M 30 25.2 320 0.36 450 EWL4532-R33 0.33 K,M 30 25.2 300 0.40 450 EWL4532-R39 0.39 K,M 30 25.2 350 0.45 450 EWL4532-R47 0.47 K,M 30 25.2 220 0.50 450 EWL4532-R56 0.56 K,M 30 25.2 180 0.55 450 EWL4532-R68 0.68 K,M 30 25.2 160 0.60 450 EWL4532-R82 0.82 K,M 30 25.2 140 0.67 450 EWL4532-1R0 1.0 K,M 50 7.96 100 0.50 450 EWL4532-1R2 1.2 K,M 50 7.96 80 0.55 430 EWL4532-1R5 1.5 K,M 50 7.96 70 0.60 410 EWL4532-1R8 1.8 K,M 50 7.96 60 0.65 390 EWL4532-2R2 2.2 K,M 50 7.96 55 0.70 380 EWL4532-2R7 2.7 K,M 50 7.96 50 0.75 370 EWL4532-3R3 3.3 K,M 50 7.96 45 0.80 355 EWL4532-3R9 3.9 K,M 50 7.96 40 0.90 330 EWL4532-4R7 4.7 K,M 50 7.96 35 1.00 315 EWL4532-5R6 5.6 J,K 50 7.96 33 1.10 300 EWL4532-6R8 6.8 J,K 50 7.96 27 1.20 285 EWL4532-8R2 8.2 J,K 50 7.96 25 1.40 270 EWL4532-100 10 J,K 50 2.52 20 1.60 250 EWL4532-120 12 J,K 50 2.52 18 2.00 225 EWL4532-150 15 J,K 50 2.52 17 2.50 200 EWL4532-180 18 J,K 50 2.52 15 2.80 190 EWL4532-220 22 J,K 50 2.52 13 3.20 180 EWL4532-270 27 J,K 50 2.52 12 3.60 170 EWL4532-330 33 J,K 50 2.52 11 4.00 160 EWL4532-390 39 J,K 50 2.52 10 4.50 150 EWL4532-470 47 J,K 50 2.52 10 5.00 140 EWL4532-560 56 J,K 50 2.52 9 5.50 135 EWL4532-680 68 J,K 50 2.52 9 6.00 130 EWL4532-820 82 J,K 50 2.52 8 7.00 120 |