| 전자부품 데이터시트 검색엔진 |
|
MCP47FXB1XT-EST 데이터시트(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FXB1XT-EST 데이터시트(HTML) 65 Page - Microchip Technology |
|
65 / 124 page ![]() 2020 Microchip Technology Inc. DS20006368A-page 65 MCP47FXBX4/8 5.0 DAC CIRCUITRY The Digital-to-Analog Converter circuitry converts a digital value into its analog representation. The description shows the functional operation of the device. The DAC circuit uses a resistor ladder implementation. Devices have up to eight DACs. Figure 5-1 shows the functional block diagram for the MCP47FXBX4/8 DAC circuitry. The functional blocks of the DAC include: • Resistor Ladder • Voltage Reference Selection • Output Buffer/VOUT Operation • Internal Band Gap • Latch Pins (LATn) • Power-Down Operation FIGURE 5-1: MCP47FXBX4/8 DAC Module Block Diagram. RS(2) VREF DAC Output RS(1) RS(2n - 1) RS(2n - 2) RS(2n - 3) RS(2n) VDD VRL Gain (1x or 2x) VOUT PDnB:PDnA VDD PDnB:PDnA VDD VW Band Gap (1.22V typical) VRnB:VRnA and PDnB:PDnA Selection Internal Band Gap Voltage Reference Selection Resistor Ladder Output Buffer/VOUT Operation Power-Down Operation Power-Down Operation Power-Down Operation A (RL) B VRnB:VRnA Where: # Resistors in Resistor Ladder = 256 (MCP47FXB0X) 1024 (MCP47FXB1X) 4096 (MCP47FXB2X) VW DAC Register Value # Resistor in Resistor Ladder ----------------------------------------------------------------------VRL = VDD (~120 k ) R RL PDnB:PDnA and VRnB:VRnA PDnB:PDnA |