전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NFAQ1060L36T 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 NFAQ1060L36T
상세설명  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1060L36T 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button NFAQ1060L36T Datasheet HTML 4Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 5Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 6Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 7Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 8Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 9Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 10Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 11Page - ON Semiconductor NFAQ1060L36T Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
EVBUM2775/D
www.onsemi.com
8
Basic tests and measurements were done. The results of
efficiency, power factor, power losses, load transients and
startup can be seen in the Figures 7−13. The used load was
Halogen light bulb.
Figure 7. Efficiency of PFC Stage for Various Value of Input AC Voltage and Load
95.00%
95.20%
95.40%
95.60%
95.80%
96.00%
96.20%
96.40%
96.60%
96.80%
97.00%
190
200
210
220
230
240
250
260
270
Input AC voltage [V]
Efficiency PFC stage
930 W load
466 W load
155 W load
Figure 8. Power Factor of PFC Stage for Various Value of Input AC Voltage and Load
0.838
0.858
0.878
0.898
0.918
0.938
0.958
0.978
0.998
190
200
210
220
230
240
250
260
270
Input AC voltage [V]
Power factor PFC stage
933 W load
466 W load
155 W load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com