| 전자부품 데이터시트 검색엔진 |
|
WRPPB-A1JJR-R 데이터시트(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WRPPB-A1JJR-R 데이터시트(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 6 page ![]() MODEL: WRPPB WRPPB SPECIFICATIONS ES-2223 Rev.3 Page 1/6 http://www.m-system.co.jp/ Dual Output Plug-in Signal Conditioners W-UNIT ENCODER SIGNAL DISTRIBUTOR (rotary encoder use, BNC connection) Functions & Features • Isolating two phase pulse input signals from a rotary encoder and distributing them to two outputs (input frequency = output frequency) • Various outputs (open collector, voltage pulse, RS-422 line driver pulse) • Can be used as a pulse isolator of two different I/O specs • Converting RS-422 line driver pulse into an open collector pulse • Maximum frequency of 1 MHz • BNC connector • Characteristic impedance 50Ω and 75Ω available 50 (1.97) 123 (4.84) 80 (3.15) mm (inch) MODEL: WRPPB–[1][2][3][4]-[5][6] ORDERING INFORMATION • Code number: WRPPB-[1][2][3][4]-[5][6] Specify a code from below for each of [1] through [6]. (e.g. WRPPB-A1K5K5N-M2/Q) • Specify the specification for option code /Q (e.g. /C01/S01) [1] INPUT A1: Dry contact K: 3.3 V pulse, input impedance approx. 8 kΩ 100 pF K5: 3.3 V pulse, input impedance 50 Ω K7: 3.3 V pulse, input impedance 75 Ω C: 5 V pulse, input impedance approx. 14 kΩ 100 pF C5: 5 V pulse, input impedance 50 Ω C7: 5 V pulse, input impedance 75 Ω D: 12 V/24 V pulse J: RS-422 line driver pulse [2] OUTPUT 1 A: Open collector K5: 3.3 V pulse, output impedance 50 Ω K7: 3.3 V pulse, output impedance 75 Ω M5: 5 V pulse, output impedance 50 Ω M7: 5 V pulse, output impedance 75 Ω Q7: 10 V pulse, output impedance 50 Ω N: 12 V pulse, load resistance 600 Ω J: RS-422 line driver pulse [3] OUTPUT 2 Same range availability as Output 1 (Q7 not selectable) [4] OUTPUT LOGIC (both Input 1 & 2) N: The same as the input R: Inverted [5] POWER INPUT AC Power M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) [6] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection I/O: BNC connectors (Recommended connector manufacturer: Hirose) Power input: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) |
유사한 부품 번호 - WRPPB-A1JJR-R |
|
유사한 설명 - WRPPB-A1JJR-R |