전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX2V0 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BZX2V0
상세설명  SILICON EPITAXIAL PLANAR TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

BZX2V0 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BZX2V0 Datasheet HTML 1Page - List of Unclassifed Manufacturers BZX2V0 Datasheet HTML 2Page - List of Unclassifed Manufacturers BZX2V0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZENER DIODE
SILICON EPITAXIAL PLANAR TYPE
Features:
Very sharp reverse characteristic
Low reverse current level
Very high stability
Low noise
Available with tighter tolerances
Type
DO-35
Color Code
Black
Unit in: mm
CATHODE
MARK
0.5Max
0.5Max
Applications
Marking
Example:
P
Power dissipation
Parameter
mW
Unit
Tj
Stg
Junction temperature
T
Storage temperature range
WEB SITE:http://www.daiwahk.com
TEL: 852 23413351 FAX: 852 27978275
(
)
(
)
Voltage stabilization
Absolute Maximum Rating
=25 C
Tj
500
Value
Symbol
175
-65~175
C
C
Zener Voltage at 6.8V normal
Cathode Mark


유사한 부품 번호 - BZX2V0

제조업체부품명데이터시트상세설명
logo
Diotech Company.
BZX2V7 DIOTECH-BZX2V7 Datasheet
1Mb / 3P
1.3W EPITAXIAL ZENER DIODE
More results

유사한 설명 - BZX2V0

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com