| 전자부품 데이터시트 검색엔진 |
|
WJFT2-AB2-C/Q 데이터시트(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJFT2-AB2-C/Q 데이터시트(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: WJFT WJFT SPECIFICATIONS ES-2279 Rev.8 Page 4/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation * Base Socket *Input shunt resistor attached for current input. INPUT 5 Low Drift Amplifier R 6 4 3 U(+) V(–) POWER 7 8 Digital Computation + – OUTPUT 1 1 2 S Z Output Driver SERIAL TRANSMISSION LINE PU-2x MODULAR JACK + – 10 11 S Z Output Driver 9 OUTPUT 2 FUNCTIONS H H INPUT t OUTPUT t N numbers N numbers average ■ MOVING AVERAGE OUTPUT This unit samples input signals every H seconds and outputs proportionally to an average of N numbers of sampled data. When a new input is sampled after another H seconds, it gives up the oldest sample and calculates a new average including the latest sample and outputs proportionally. H : sampling cycle (0.1 to 100.0 seconds adjustable) N : number of samples to be calculated (1 to 8 adjustable) INPUT •Step Input with Dead-Time t OUTPUT t 0 0 H x N INPUT •Step Input with Dead-Time Plus Time Constant t OUTPUT t 0 T ■ DEAD-TIME COMPUTING This unit does not respond to an input signal for a preset dead-time duration. In addition, with adjusting a time constant T, it generates a first order lag output after the dead-time. e –Ls X0 (s) = X1 (s) + H N (s) 1 + T s X0 : output X1 : input Dead Time = H N (s) (H ≤ T) H : sampling cycle (0.1 to 100.0 seconds adjustable) N : numbers of samples to be calculated (1 to 8 adjustable) T : time constant (0.0 to 100.0 seconds adjustable) 0 H x N X X |