전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM6325-2.2 데이터시트(PDF) 7 Page - EM Microelectronic - MARIN SA

부품명 EM6325-2.2
상세설명  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMMICRO [EM Microelectronic - MARIN SA]
홈페이지  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325-2.2 데이터시트(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM6325-2.2 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325-2.2 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Package Information
Dimensions are in mm
L
C
A1 A2 A
D
b
e
e1
E1
E
SOT23-5L
SYM BOL
M IN
TYP
M AX
A
0.90
1.30
1.45
A 1
0.05
0.08
0.15
A 2
0.90
1.15
1.30
b0.35
0.50
C0.08
0.20
D
2.80
2.90
3.00
E
2.60
2.80
3.00
E1
1.50
1.75
e0.95
e1
1.90
L
0.45
L
Q1
c
E
D
HE
e
e
PIN 1
NOTE:
All dimensions are in millimeters
Dimensions are inclusive of plating
Dimensions are exclusive of mold flash & metal burr
All specifications comply to EIAJ SC70
A
A1
A2
SYMBOL
MIN
MAX
e
D1.80
2.20
b0.15
0.30
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
b
SC70-5L



Html Pages

1 2 3 4 5 6 7 8