| 전자부품 데이터시트 검색엔진 |
|
18JPA-266-R 데이터시트(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
18JPA-266-R 데이터시트(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: 18JPA 18JPA SPECIFICATIONS ES-1873 Rev.10 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 24 (.94) 7 (.28) 78 (3.07) 32 (1.26) 8–M3.5 SCREW 7 (.28) 2–M3 SCREW TERMINAL ASSIGNMENTS 1 2 3 4 7 8 5 6 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Output Driver OUTPUT 2 5 6 S Z Output Driver OUTPUT 2 OUTPUT 1 POWER 4 7 8 Digital Computation SERIAL TRANSMISSION LINE *4kΩ attached for open collector and mechanical contact input only. Waveform Shaper 12V Supply + – INPUT 1 3 2 + SENSOR EXCITATION * PU-2 x MODULAR JACK Specifications are subject to change without notice. |