| 전자부품 데이터시트 검색엔진 |
|
W5RS-5B6-R2/BL 데이터시트(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
W5RS-5B6-R2/BL 데이터시트(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: W5RS W5RS SPECIFICATIONS ES-8509 Rev.9 Page 1/3 http://www.m-system.co.jp/ Terminal Block Dual Output Signal Conditioners W5-UNIT RTD TRANSMITTER Functions & Features • Accepts direct input from a RTD • Two independent output ranges • Four-way isolation (input to output 1 to output 2 to power) • Linearization and burnout • Fast response type available • High-density mounting 45 (1.77) 97 (3.82) 41 (1.61) mm (inch) MODEL: W5RS-[1][2][3]-[4][5] ORDERING INFORMATION • Code number: W5RS-[1][2][3]-[4][5] Specify a code from below for each [1] through [5]. (e.g. W5RS-4A6-R/K/BL/Q) • Temperature range (e.g. 0 – 500°C) • Special output ranges (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/V01/S01) [1] INPUT RTD (2- or 3-wire) 1: JPt 100 (JIS'89) (Usable range: -200 to +500°C, -328 to +932°F; min.span: 50°C, 90°F) 3: Pt 100 (JIS'89) (Usable range: -200 to +650°C, -328 to +1202°F; min.span: 50°C, 90°F) 4: Pt 100 (JIS'97, IEC) (Usable range: -200 to +850°C, -328 to +1562°F; min.span: 50°C, 90°F) 5: Pt 50 Ω (JIS'81) (Usable range: -200 to +500°C, -328 to +932°F; min.span: 100°C, 180°F) 6: Ni 508.4 Ω (Usable range: -50 to +200°C, -58 to +392°F; min.span: 30°C, 54°F) 0: Specify Note: Consult M-System for 2-wire RTD [2] OUTPUT 1 Current A: 4 – 20 mA DC (Load resistance 550 Ω max.) B: 2 – 10 mA DC (Load resistance 1100 Ω max.) C: 1 – 5 mA DC (Load resistance 2200 Ω max.) D: 0 – 20 mA DC (Load resistance 550 Ω max.) E: 0 – 16 mA DC (Load resistance 685 Ω max.) F: 0 – 10 mA DC (Load resistance 1100 Ω max.) G: 0 – 1 mA DC (Load resistance 11 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 100 Ω min.) 4: 0 – 10 V DC (Load resistance 1000 Ω min.) 5: 0 – 5 V DC (Load resistance 500 Ω min.) 6: 1 – 5 V DC (Load resistance 500 Ω min.) 4W: -10 – +10 V DC (Load resistance 2000 Ω min.) 5W: -5 – +5 V DC (Load resistance 1000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [3] OUTPUT 2 Same range availability as Output 1 Y: None [4] POWER INPUT AC Power M: 85 – 264 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz) (CE not available) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) R2: 11 – 27 V DC (Operational voltage range 11 – 27 V, ripple 10 %p-p max.) (CE not available) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) (CE not available) [5] OPTIONS (multiple selections) Response Time (0 – 90 %) blank: Standard (≤ 0.5 sec.) /K: Fast Response (Approx. 25 msec.) Burnout blank: Upscale burnout /BL: Downscale burnout Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating |
유사한 설명 - W5RS-5B6-R2/BL |