전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPC2016C 데이터시트(PDF) 5 Page - Efficient Power Conversion Corporation.

부품명 EPC2016C
상세설명  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPC-CO [Efficient Power Conversion Corporation.]
홈페이지  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2016C 데이터시트(HTML) 5 Page - Efficient Power Conversion Corporation.

  EPC2016C Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 6Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
eGaN® FET DATASHEET
EPC2016C
EPC – POWER CONVERSION TECHNOLOGY LEADER | EPC-CO.COM | ©2021 |
| 5
DIE MARKINGS
Figure 12: Safe Operating Area
0.1
1
10
100
0.1
1
10
100
VDS - Drain-Source Voltage (V)
TJ = Max Rated, TC = +25°C, Single Pulse
Pulse Width
100 ms
10 ms
1 ms
100 s
limited by RDS(on)
TAPE AND REEL CONFIGURATION
4 mm pitch, 8 mm wide tape on 7” reel
7” reel
a
d
e
f
g
c
b
EPC2016C (note 1)
Dimension (mm) target min max
a
8.00 7.90 8.30
b
1.75 1.65 1.85
c (see note)
3.50 3.45 3.55
d
4.00 3.90 4.10
e
4.00 3.90 4.10
f (see note)
2.00 1.95 2.05
g
1.5
1.5
1.6
Note 1: MSL 1 (moisture sensitivity level 1) classied according to IPC/JEDEC industry standard.
Note 2: Pocket position is relative to the sprocket hole measured as true position of the pocket,
not the pocket hole.
Die
orientation
dot
Gate
solder bar is
under this
corner
Die is placed into pocket
solder bar side down
(face side down)
Loaded Tape Feed Direction
2016
YYYY
ZZZZ
Part
Number
Laser Markings
Part #
Marking Line 1
Lot_Date Code
Marking line 2
Lot_Date Code
Marking Line 3
EPC2016C
2016
YYYY
ZZZZ
Die orientation dot
Gate Pad bump is
under this corner



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com