전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5BX 데이터시트(PDF) 2 Page - M-System Co.,Ltd.

부품명 5BX
상세설명  Dual Channel Input/Output Isolators 5-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

5BX 데이터시트(HTML) 2 Page - M-System Co.,Ltd.

  5BX Datasheet HTML 1Page - M-System Co.,Ltd. 5BX Datasheet HTML 2Page - M-System Co.,Ltd. 5BX Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 5BX
http://www.m-system.co.jp/
5BX SPECIFICATIONS
ES-2335 Rev.4 Page 2/3
CONNECTION DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
POWER SOURCE
24VDC
OUTPUT FROM
EACH CHANNEL
OUTPUT
INPUT
CH. 1
OUTPUT
6
5
10
9
CH. 2
OUTPUT
CH. 1
INPUT
2
1
4
3
CH. 2
INPUT
DIMENSIONS unit: mm (inch)
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
1 2
3 4
5 6
9 10
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
1 2
3 4
5 6
9 10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
440 (17.32)
465 (18.31)
483 (19.02)
OUTPUT CONNECTOR
37
(1.46)
MOUNTING REQUIREMENTS unit: mm (inch)
465 (18.31)
4–M5 SCREW



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com