전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSSAF3M10HM3/I 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 VSSAF3M10HM3/I
상세설명  Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSAF3M10HM3/I 데이터시트(HTML) 4 Page - Vishay Siliconix

  VSSAF3M10HM3/I Datasheet HTML 1Page - Vishay Siliconix VSSAF3M10HM3/I Datasheet HTML 2Page - Vishay Siliconix VSSAF3M10HM3/I Datasheet HTML 3Page - Vishay Siliconix VSSAF3M10HM3/I Datasheet HTML 4Page - Vishay Siliconix VSSAF3M10HM3/I Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VSSAF3M10
www.vishay.com
Vishay General Semiconductor
Revision: 16-Apr-2020
4
Document Number: 87507
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Thermal Resistance Junction to Ambient
vs. Copper Pad Area
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
20
40
60
80
100
120
0123456789
10
Copper Pad Areas (cm2)
Epoxy printed circuit
board FR4 copper
thickness = 70 μm
S (cm2)
SlimSMA (DO-221AC)
Cathode Band
0.106 (2.70)
0.098 (2.50)
0.047 (1.20)
0.030 (0.75)
0.047 (1.20)
MIN.
0.047 (1.20)
MIN.
0.123 (3.12) MAX.
0.217 (5.52) REF.
0.060 (1.52)
MIN.
0.057 (1.45)
0.049 (1.25)
0.039 (1.00)
0.035 (0.90)
0.012 (0.30)
0.006 (0.15)
0.171 (4.35)
0.163 (4.15)
0.211 (5.35)
0.199 (5.05)
Typ.: 0.019 (0.48)
Mounting Pad Layout



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com