전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

48V-2GVC-K 데이터시트(PDF) 2 Page - M-System Co.,Ltd.

부품명 48V-2GVC-K
상세설명  Bargraph Indicators 48 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48V-2GVC-K 데이터시트(HTML) 2 Page - M-System Co.,Ltd.

  48V-2GVC-K Datasheet HTML 1Page - M-System Co.,Ltd. 48V-2GVC-K Datasheet HTML 2Page - M-System Co.,Ltd. 48V-2GVC-K Datasheet HTML 3Page - M-System Co.,Ltd. 48V-2GVC-K Datasheet HTML 4Page - M-System Co.,Ltd. 48V-2GVC-K Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 48V
http://www.m-system.co.jp/
48V SPECIFICATIONS
ES-9311 Rev.13 Page 2/5
Max. 3 charac. (48V-2, horizontal mount.)
If there is only one engineering unit with dual bargraph
type, the position and maximum number of characters
for single type are applied.
Bargraph: 101-segment LED, 100 mm (3.96”) long, 1.5 mm
(.06”) wide
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; input resistor incorporated
Minimum span: 1 mA
0 % input: 0 mA DC
■ DC Voltage: 0 – 10 V DC
Minimum span: 1 V
0 % input: 0 V DC
INSTALLATION
Power consumption
•AC: Approx. 3.5 VA (single) or 5.5 VA (dual)
•DC: Approx. 2 W (single) or 4 W (dual)
Operating temperature: 0 to 50°C (32 to 122°F)
Operating humidity: 40 to 80 % RH (non-condensing)
Mounting: Panel flush mounting
Weight:
290 g (0.64 lbs) for 48V-1, DC powered
320 g (0.71 lbs) for 48V-1, AC powered
340 g (0.75 lbs) for 48V-2, DC powered
370 g (0.82 lbs) for 48V-2, AC powered
PERFORMANCE in percentage of span
Accuracy: ±1 % ±1 digit
Response time: 0.5 sec.
Insulation resistance: ≥ 50 MΩ with 500 V DC
(input or power to ground)
Dielectric strength:
2000 V AC @1 minute (input or power to ground)
1500 V AC @ 1 minute (input to AC power)
500 V AC @ 1 minute (input to DC power)
500 V AC @ 1 minute (input 1 to input 2)



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com