| 전자부품 데이터시트 검색엔진 |
|
71VR1-E10-R 데이터시트(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
71VR1-E10-R 데이터시트(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 7 page ![]() MODEL: 71VR1 71VR1 SPECIFICATIONS ES-7403 Rev.17 Page 6/7 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Note: In order to improve EMC performance, bond the FE terminal to ground. Caution: FE terminal is NOT a protective conductor terminal. VOLTAGE INPUT + – CURRENT INPUT + – I COM V I COM V *1. Only with 5-point inputs *2. Only with 2-point DC inputs *3. When the device is located at the end of a transmission line via twisted-pair cable (when there is no cross-wiring), close across the terminals T2 - T3 with a leadwire. Note: Short across the terminals V and I for Current Input. V I COM V I COM 9 10 27 30 28 29 Digital Computation 2 3 4 5 6 7 8 1 FE *1 *2 SHLD T4 T1 T2 T3 11 A1 B1 C1 A2 B2 C2 A3 B3 C3 13 12 14 16 15 17 19 18 • Universal Input A B B RTD A B A B C A B C A B B C A B C A C T/C REM2 - CJC SENSOR C 21 23 22 24 26 25 ■ Input Connection e.g. Note: For mA input, the REM2 is required. + + + – – VOLTAGE INPUT CURRENT INPUT • DC Input U(+) V(–) POWER CONTACT OUTPUT Do 1 CONTACT OUTPUT Do 2 Jumper* 3 + – + + – CONTACT INPUT Di 1 COM CONTACT INPUT Di 2 Contact Input Circuit DC INPUT Ai 1 DC INPUT Ai 2 UNIVERSAL INPUT Ai 3 UNIVERSAL INPUT Ai 4 UNIVERSAL INPUT Ai 5 A/D Converter A/D Converter A/D Converter A/D Converter A/D Converter Isolation Isolation Isolation Display / Setting Communication Circuit Isolation Isolation Memory Card Slot Shielded Twisted-pair Cable To other Modbus devices |