| 전자부품 데이터시트 검색엔진 |
|
48SV2-RVEST-T 데이터시트(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48SV2-RVEST-T 데이터시트(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 6 page ![]() MODEL: 48SV2 48SV2 SPECIFICATIONS ES-9315 Rev.3 Page 2/6 https://www.m-system.co.jp/ BARGRAPH DISPLAY LED: 55-segment LED (0 - 100% display: 51) 56 mm (2.2”) long, 3.5 mm (.14”) wide Display range: 0 - 100% (No scaling. The first or 55th segment turns on when lower/upper overrange occurs. The 2nd and 54th segments do not turn on.) Scale • Numbers on the scale: 4 digits max. (Including decimal point and minus sign) • Divisions: 50 max. • Engineering unit: Max. 4 characters or 2 double-width characters INPUT SPECIFICATIONS ■ DC Current: 0 – 50 mA DC; input resistor incorporated Minimum span: 1 mA When specifying a resistance value, choose from below. 5.1 Ω, 10 Ω, 12 Ω, 20 Ω, 39 Ω, 200 Ω ■ DC Voltage: -10 – +10 V DC Input resistance: ≥ 1 MΩ Minimum span: 0.1 V Offset: Max. 1.5 times span INSTALLATION Power consumption •DC: 0.8 W or less @ 5 V rating 1.0 W or less @ 24 V rating Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 10 to 90 %RH (non-condensing) Mounting: Panel flush mounting Weight: 90 g (0.2 lb) PERFORMANCE in percentage of span Accuracy: ±2 % ±1 digit Response time: ≤ 0.5 sec. Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (input to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive |