전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD813F1AV-70UT 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 PSD813F1AV-70UT
상세설명  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 12Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 13Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 14Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 15Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 16Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 17Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 18Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 19Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
PSD813F1V
16/110
DEVELOPMENT SYSTEM
The PSD is supported by PSDsoft Express a Win-
dows-based (95, 98, NT) software development
tool. A PSD design is quickly and easily produced
in a point and click environment. The designer
does not need to enter Hardware Definition Lan-
guage (HDL) equations (unless desired) to define
PSD pin functions and memory map information.
The general design flow is shown in Figure 6 be-
low. PSDsoft Express is available from our web
site (www.st.com/psm) or other distribution chan-
nels.
PSDsoft Express directly supports two low cost
device programmers from ST, PSDpro and
FlashLINK (JTAG). Both of these programmers
may be purchased through your local distributor/
representative, or directly from our web site using
a credit card. The PSD is also supported by third
party device programmers, see web site for cur-
rent list.
Figure 6. PSDsoft Express Development Tool
Define PSD Pin and
Node functions
Define General Purpose
Logic in CPLD
ST PSD Programmer
*.OBJ FILE
Point and click definition of
PSD pin functions, internal nodes,
and MCU system memory map
PSDPro, or
FlashLINK (JTAG)
Point and click definition of
combinatorial and registered logic
in CPLD. Access to HDL is
available if needed
Choose MCU and PSD
Automatically configures MCU
bus interface and other
PSD attributes
C Code Generation
Generate C Code
Specific to PSD
Functions
User's choice of
Microcontroller
Compiler/Linker
*.OBJ file
available
for 3rd party
programmers
(Conventional or JTAG-ISC)
MCU Firmware
Hex or S-Record
format
AI09215
Merge MCU Firmware
with PSD Configuration
A composite object file is created
containing MCU firmware and
PSD configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More