| 전자부품 데이터시트 검색엔진 |
|
PSD813F1V-12MIT 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F1V-12MIT 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 110 page ![]() PSD813F1V 50/110 80C51XA The Philips 80C51XA microcontroller family sup- ports an 8- or 16-bit multiplexed bus that can have burst cycles. Address bits (A3-A0) are not multi- plexed, while (A19-A4) are multiplexed with data bits (D15-D0) in 16-bit mode. In 8-bit mode, (A11- A4) are multiplexed with data bits (D7-D0). The 80C51XA can be configured to operate in eight-bit data mode. (shown in Figure 25). The 80C51XA improves bus throughput and per- formance by executing Burst cycles for code fetch- es. In Burst Mode, address A19-A4 are latched internally by the PSD, while the 80C51XA changes the A3-A0 lines to fetch up to 16 bytes of code. The PSD access time is then measured from address A3-A0 valid to data in valid. The PSD bus timing requirement in Burst Mode is identical to the nor- mal bus cycle, except the address setup and hold time with respect to ALE does not apply. Figure 25. Interfacing the PSD with the 80C51X, 8-bit Data Bus ADIO0 ADIO1 ADIO2 ADIO3 AD104 AD105 ADIO6 ADIO7 ADIO8 ADIO9 ADIO10 ADIO11 AD1012 AD1013 ADIO14 ADIO15 CNTL0 (WR) CNTL1(RD) CNTL 2 (PSEN) PD0-ALE PD1 PD2 RESET 31 33 36 2 3 4 5 43 42 41 40 39 38 37 24 25 26 27 28 29 30 A4D0 A5D1 A6D2 A7D3 A8D4 A9D5 A10D6 A11D7 A12 A13 A14 A18 A19 A17 A15 A16 A0 A1 A2 A3 A4D0 A5D1 A6D2 A7D3 A8D4 A9D5 A10D6 A11D7 A12 A16 A17 A18 A19 A15 A13 A14 TXD1 T2EX T2 T0 RST EA/WAIT BUSW A1 A0/WRH A2 A3 A4D0 A5D1 A6D2 A7D3 A8D4 A9D5 A10D6 A11D7 A12D8 A13D9 A14D10 A15D11 A16D12 A17D13 A18D14 A19D15 PSEN RD WRL PC0 PC1 PC3 PC4 PC5 PC6 PC7 ALE PSEN RD WR ALE 32 19 18 30 31 32 33 34 35 36 37 39 40 41 42 43 44 45 46 48 8 9 10 49 50 47 7 9 8 16 XTAL1 XTAL2 RXD0 TXD0 RXD1 21 20 11 13 6 29 28 27 25 24 23 22 21 20 19 18 17 14 13 12 11 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 7 6 5 4 3 2 52 51 A0 A1 A2 A3 80C51XA PSD RESET RESET 35 17 INT0 INT1 14 10 15 PC2 AI02883C |