전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLA1-2E2-S/Q 데이터시트(PDF) 8 Page - M-System Co.,Ltd.

부품명 DLA1-2E2-S/Q
상세설명  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-2E2-S/Q 데이터시트(HTML) 8 Page - M-System Co.,Ltd.

Back Button DLA1-2E2-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 5Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 6Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 7Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 8Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 9Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 10Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 11Page - M-System Co.,Ltd. DLA1-2E2-S/Q Datasheet HTML 12Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 8/33
http://www.m-system.co.jp/
■ WITH I/O CONNECTORS (DLAx-xA2, xC3, xC4)
3.5 (.14)
53 (2.09)
200 (7.87)
170 (6.69)
80 (3.15) min.
•Connector Pin Assignment
SIDE MOUNTING 4 – 4.4 (.17) dia.
[53 (2.09) deep]
SURFACE MOUNTING M4 SCREW
[7 (.28) deep]
A1
A20
B1
B20
CN1
A1
A20
B1
B20
CN2
U
L
LED INDICATOR
SELECTOR
•Terminal Assignment, Euro Type Connector Terminals
9
8
7
6
5
4
3
2
1
*
*Not provided for fiber optics (code 2)
Note : There is no specific order for connecting fiber optics.
PIN TERMINAL
PHOENIX CONTACT AI 1,5-8BK RECOMMENDED
MULTI-STRAND CABLE: 1.25 mm2 (.02 in2)
SOLID CABLE
1.4 mm (.06) dia.
MINUS SCREWDRIVER
Remove cover.
8 mm (.32)
•Wiring Procedure of Euro Type Connector Terminals
MOUNTING REQUIREMENTS unit: mm (inch)
55
(2.17)
55
(2.17)
2–M4 SCREW
3.5 (.14)
■ SURFACE MOUNTING
■ SIDE MOUNTING (terminal block at the right side)
170 (6.69)
4–M4 SCREW
WIRING SPACE
95 (3.74) MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33