| 전자부품 데이터시트 검색엔진 |
|
51U-3F1-R3 데이터시트(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
51U-3F1-R3 데이터시트(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 16 page ![]() MODEL 51U-0 MODEL & SUFFIX CODE SELECTION SINGLE-PHASE / 2-WIRE CONNECTION 51U–0❑❑–❑❑ MODEL INPUT (balanced) 0 : Single-phase / 2-wire, 105V / 5A AC DISPLAY ITEMS C : A, V D : A, V, kW E : A, V, kWh F : A, kW, kWh J : A, DA, MDA K :A or DA, MDA, alarm setpoint N :V, kW, kWh P :A or DA or MDA, V, kWh U :V, Hz W :A or DA or MDA, V, alarm setpoint V = Line voltage A = Line current kW = Kilowatt kWh = Kilowatthours Hz = Frequency DA = Demand (current) MDA = Maximum demand (current) OUTPUT (selectable display items codes) 0 : None (J K W with reset input) 1 :4 – 20mA DC, 3 points (C D U) 2 :4 – 20mA DC, 2 points + pulse (E F N P) 3 :4 – 20mA DC, 2 points + reset input (J) 4 : RS-485 (all codes selectable except K W) AUXILIARY POWER SUPPLY M : 85 – 264V AC R : 24V DC P :110V DC REMOTE CONTROL 1 : 85 – 132V AC or 85 – 143V DC 2 : 20 – 30V DC 3 : 170 – 264V AC ORDERING INFORMATION Specify code number. (e.g. 51U-0D4-M1) CONNECTION DIAGRAM 1S V2 V1 C, D, E, F, N, P, W Suffix Codes 1L 1S J, K (measuring current only) 1L V2 V1 U (measuring voltage only) ■ INPUT V2 V1 CT 2 1 kl KL 1S 1L 1S V3 V2 V1 1L 3S CH1 CH2 CH3 Dis PN E 3L Output Input Power ■ POWER N PE DC or AC POWER TERMINATOR RS-485 DISPLAY SWITCHING POWER Dis. – + SL •RS-485 Close across the terminator when the unit is located at the end of transmission line. DISPLAY SIWTCHING POWER Dis. Ter •Without Outputs ■ OUTPUT •4 – 20mA DC, 3 points (See the following pages.) •4 – 20mA DC, 2 points + pulse 1 point (See the following pages.) •4 – 20mA DC, 2 points + reset input (See the following pages.) P. 5 / 16 ES-6481 Rev.9 |