| 전자부품 데이터시트 검색엔진 |
|
CS9201YDFR8 데이터시트(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS9201YDFR8 데이터시트(HTML) 1 Page - ON Semiconductor |
|
1 / 8 page ![]() © Semiconductor Components Industries, LLC, 2001 November, 2001 – Rev. 13 1 Publication Order Number: CS9201/D CS9201 Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP™ The CS9201 is a precision 5.0 V, 100 mA voltage regulator with low quiescent current (450 µA typ. @ 100 µA load). The 5.0 V output is accurate within ±2% and supplies 100 mA of load current with a maximum dropout voltage of only 600 mV. The regulator is protected against reverse battery, short circuit, over voltage, and over temperature conditions. The device can withstand 74 V peak transients making it suitable for use in automotive environments. ON’s proprietary NOCAP solution is the first technology which allows the output to be stable without the use of an external capacitor. NOCAP is suitable for slow switching or steady loads. Features • NOCAP • Low Quiescent Current (450 µΑ typ. @ 100 µA load) • 5.0 V, ±2% Output • 100 mA Output Current Capability • Fault Protection – 74 V Peak Transient Voltage – –15 V Reverse Voltage – Short Circuit – Thermal Shutdown – Overvoltage Shutdown • Internally Fused Leads Current Source (Circuit Bias) Voltage Shutdown Over NOCAP Current Limit Sense Thermal Shutdown Bandgap Reference VOUT Sense(1) GND VIN + – Error Amplifier (1) Contact factory for optional Sense lead. Figure 1. Block Diagram http://onsemi.com Device Package Shipping ORDERING INFORMATION CS9201YDF8 SO–8 95 Units/Rail CS9201YDFR8 2500 Tape & Reel SO–8 SO–8 DF SUFFIX CASE 751 1 8 NC NC 1 8 GND GND GND GND VIN VOUT PIN CONNECTIONS AND MARKING DIAGRAM A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week |
유사한 부품 번호 - CS9201YDFR8 |
|
유사한 설명 - CS9201YDFR8 |