| 전자부품 데이터시트 검색엔진 |
|
HD151TS304ARP 데이터시트(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS304ARP 데이터시트(HTML) 1 Page - Renesas Technology Corp |
|
1 / 12 page ![]() Rev.4.00, May.19.2003, page 1 of 12 HD151TS304ARP Spread Spectrum Clock for EMI Solution REJ03D0020-0400Z (Previous ADE-205-691C(Z)) Rev.4.00 May.19.2003 Description The HD151TS304A is a high-performance Spread Spectrum Clock modulator. It is suitable for low EMI solution. Features • Supports 10 MHz to 60 MHz operation. (Designed for XIN = 24 MHz and 48 MHz) • 1 copy of clock out with spread spectrum modulation @3.3 V • 1 copy of reference clock @3.3 V • Programmable spread spectrum modulation (±0.25%, ±0.5%, ±1.5% central spread modulation and spread spectrum disable mode.) • SOP–8pin • Pin to pin compatible with HD151TS304RP Key Specifications • Supply voltages : VDD = 3.3 V±0.165 V • Ta = 0 to 70°C operating range • Clock output duty cycle = 50±5% • Cycle to cycle jitter = ±250 ps typ. • Output slew rate = 0.8V/ns min. • Ordering Information Part Name Package Type Package Code Package Abbreviation Taping Abbreviation (Quantity) HD151TS304ARPEL SOP-8 pin (JEDEC) FP-8DC RP EL (2,500 pcs / Reel) Note: Please consult the sales office for the above package availability. |
유사한 부품 번호 - HD151TS304ARP |
|
유사한 설명 - HD151TS304ARP |