전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADGS1612BCPZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADGS1612BCPZ
상세설명  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADGS1612BCPZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADGS1612BCPZ Datasheet HTML 2Page - Analog Devices ADGS1612BCPZ Datasheet HTML 3Page - Analog Devices ADGS1612BCPZ Datasheet HTML 4Page - Analog Devices ADGS1612BCPZ Datasheet HTML 5Page - Analog Devices ADGS1612BCPZ Datasheet HTML 6Page - Analog Devices ADGS1612BCPZ Datasheet HTML 7Page - Analog Devices ADGS1612BCPZ Datasheet HTML 8Page - Analog Devices ADGS1612BCPZ Datasheet HTML 9Page - Analog Devices ADGS1612BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADGS1612
Data Sheet
Rev. 0 | Page 6 of 29
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Total Harmonic Distortion Plus Noise,
THD + N
0.012
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to
20 kHz; see Figure 33
−3 dB Bandwidth
34
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 34
Insertion Loss
−0.07
MHz typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 34
Off Switch Source Capacitance, CS (Off )
60
dB typ
VS = 6 V, f = 1 MHz
Off Switch Drain Capacitance, CD (Off )
60
pF typ
VS = 6 V, f = 1 MHz
On Switch Capacitance, CD (On), CS (On)
154
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 12 V
Positive Supply Current, IDD
0.01
μA typ
All switches open
1
μA max
320
μA typ
All switches closed, VL = 5.5 V
480
μA max
320
μA typ
All switches closed, VL = 2.7 V
480
μA max
Digital Supply Current, IL
Inactive
6.3
μA typ
Digital inputs = 0 V or VL
8.0
μA max
Inactive, SCLK = 1 MHz
14
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 5 V
7
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 3 V
SCLK = 50 MHz
390
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 5 V
210
μA typ
CSE = VL and SDI = 0 V or VL, VL = 3 V
Inactive, SDI = 1 MHz
15
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
7.5
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
SDI = 25 MHz
230
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
120
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between 0 V
and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between 0 V
and VL, VL = 2.7 V
1.0
mA max
VDD
3.3
V min
GND = 0 V, VSS = 0 V
16
V max
GND = 0 V, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com