| 전자부품 데이터시트 검색엔진 |
|
MAX17843 데이터시트(PDF) 124 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17843 데이터시트(HTML) 124 Page - Maxim Integrated Products |
|
124 / 131 page ![]() BIT POR NAME DESCRIPTION D15 0 AINOT[15:0] 12-bit undervoltage (over-temperature) threshold for AUXINn alerts. AINOT[3:0] always reads logic-zero. D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 BIT POR NAME DESCRIPTION D15 FFF0h AINUT[15:0] 12-bit overvoltage (undertemperature) threshold for AUXINn alerts. AINUT[3:0] always reads logic-zero.. D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MAX17843 12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface www.maximintegrated.com Maxim Integrated │ 124 AINOT Register (address 0x49) AINUT Register (address 0x4A) |