전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9963E 데이터시트(PDF) 126 Page - STMicroelectronics

부품명 L9963E
상세설명  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E 데이터시트(HTML) 126 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 122Page - STMicroelectronics L9963E Datasheet HTML 123Page - STMicroelectronics L9963E Datasheet HTML 124Page - STMicroelectronics L9963E Datasheet HTML 125Page - STMicroelectronics L9963E Datasheet HTML 126Page - STMicroelectronics L9963E Datasheet HTML 127Page - STMicroelectronics L9963E Datasheet HTML 128Page - STMicroelectronics L9963E Datasheet HTML 129Page - STMicroelectronics L9963E Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 184 page
background image
Register Name
Field name
Description
Noreg16
RO
16
1
0x0
X
NVM_WR_15_0
RW
0
16
0x0
B
Write buffer for NVM sector 0_15
NVM_WR_2
0x4E
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_WR_31_16
RW
0
16
0x0
B
Write buffer for NVM sector 16_31
NVM_WR_3
0x4F
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_WR_47_32
RW
0
16
0x0
B
Write buffer for NVM sector 32_47
NVM_WR_4
0x50
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_WR_63_48
RW
0
16
0x0
B
Write buffer for NVM sector 48_63
NVM_WR_5
0x51
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_WR_79_64
RW
0
16
0x0
B
Write buffer for NVM sector 64_79
NVM_WR_6
0x52
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_WR_95_80
RW
0
16
0x0
B
Write buffer for NVM sector 80_95
NVM_WR_7
0x53
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_WR_111_96
RW
0
16
0x0
B
Write buffer for NVM sector 96_111
NVM_RD_1
0x54
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_RD_15_0
RO
0
16
0x0
B
Read buffer for NVM sector 0_15
NVM_RD_2
0x55
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
NVM_RD_31_16
RO
0
16
0x0
B
Read buffer for NVM sector 16_31
NVM_RD_3
0x56
Noreg17
RO
17
1
0x0
X
Noreg16
RO
16
1
0x0
X
L9963E
Register map
DS13636 - Rev 4
page 126/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More