| 전자부품 데이터시트 검색엔진 |
|
L9963E 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 184 page ![]() Command code Description Reference 0x7A Diagnostic info. This command is intended to provide a rapid overview of the fault status, allowing the MCU to perform proper masking procedure. The command does not reset diagnostic latches. Table 25 0x7B Coulomb Counter, Instantaneous Current, Configuration Integrity, Oscillator, Balancing Timer Monitor, GPIO measurements. This command clears the Coulomb Counter registers and the measurement data_ready bit (refer to Section 4.13.1 Coulomb counting and Section 4.4 Cell voltage measurement) Table 26 Fields with green shading are reset upon burst read. Table 24. 0x78 burst command frame num. 1 VCELL1_EN d_rdy_Vcell1 VCell1 2 VCELL2_EN d_rdy_Vcell2 VCell2 3 VCELL3_EN d_rdy_Vcell3 VCell3 4 VCELL4_EN d_rdy_Vcell4 VCell4 5 VCELL5_EN d_rdy_Vcell5 VCell5 6 VCELL6_EN d_rdy_Vcell6 VCell6 7 VCELL7_EN d_rdy_Vcell7 VCell7 8 VCELL8_EN d_rdy_Vcell8 VCell8 9 VCELL9_EN d_rdy_Vcell9 VCell9 10 VCELL10_EN d_rdy_Vcell1 0 VCell10 11 VCELL11_EN d_rdy_Vcell11 VCell11 12 VCELL12_EN d_rdy_Vcell1 2 VCell12 13 VCELL13_EN d_rdy_Vcell1 3 VCell13 14 VCELL14_EN d_rdy_Vcell1 4 VCell14 15 vsum_batt19_2 16 vsum_batt1_0 VBATT_DIV 17 data_ready_v sum data_ready_v battdiv TimedBalTimer 18 CUR_INST_calib L9963E Serial communication interface DS13636 - Rev 4 page 31/184 |