전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCE-1A-F/Q 데이터시트(PDF) 2 Page - M-System Co.,Ltd.

부품명 LCE-1A-F/Q
상세설명  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSYSTEM [M-System Co.,Ltd.]
홈페이지  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCE-1A-F/Q 데이터시트(HTML) 2 Page - M-System Co.,Ltd.

  LCE-1A-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. LCE-1A-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. LCE-1A-F/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: LCE
http://www.m-system.co.jp/
LCE SPECIFICATIONS
ES-1971 Rev.10 Page 2/3
INPUT SPECIFICATIONS
Operational range: 0 – 120 % of rating
Frequency: 50 or 60 Hz
Input burden: 0.1 VA (input 0 – 1 A)
0.5 VA (input 0 – 5 A)
Overload capacity: 1000 % of rating for 3 sec.,
200 % for 10 sec., 120 % continuous
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 12 V max.
■ DC Voltage: 0 – 12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
5
OUT
10V
s OPERATION DIAGRAM (example)
0
2.5
5A
IN
0
12
OUT
20mA
4
2.5
5A
IN
0
INSTALLATION
Auxiliary power supply
•AC: Operational voltage range: rating -15/+10 %,
50/60 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %,
or 85 – 150 V for 110 V rating, ripple 10 %p-p max.,
approx. 2 W (18 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F,
45 – 65 Hz)
Response time: ≤ 1 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to auxiliary power to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com