전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WLE4JCU6XXX 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 STM32WLE4JCU6XXX
상세설명  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 49Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 50Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 51Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 52Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 53Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 54Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 55Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 56Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 145 page
background image
DS13105 Rev 8
53/145
STM32WLE5/E4xx
Pinouts, pin description and alternate functions
60
11
K11
H5
VDD
S
-
-
-
-
12
J10
J1
PA4
I/O
FT
-
RTC_OUT2, LPTIM1_OUT,
SPI1_NSS, USART2_CK,
DEBUG_SUBGHZSPI_
NSSOUT, LPTIM2_OUT,
CM4_EVENTOUT
-
13
H9
J2
PA5
I/O
FT
-
TIM2_CH1, TIM2_ETR,
SPI2_MISO, SPI1_SCK,
DEBUG_SUBGHZSPI_
SCKOUT, LPTIM2_ETR,
CM4_EVENTOUT
-
14
G8
F4
PA6
I/O
FT
-
TIM1_BKIN, I2C2_SMBA,
SPI1_MISO, LPUART1_CTS,
DEBUG_SUBGHZSPI_
MISOOUT, TIM16_CH1,
CM4_EVENTOUT
-
15
E8
H3
PA7
I/O
FT_fa
-
TIM1_CH1N, I2C3_SCL,
SPI1_MOSI, COMP2_OUT,
DEBUG_SUBGHZSPI_
MOSIOUT, TIM17_CH1,
CM4_EVENTOUT
-
16
L10
J3
PA8
I/O
FT_a
-
MCO, TIM1_CH1,
SPI2_SCK/I2S2_CK,
USART1_CK, LPTIM2_OUT,
CM4_EVENTOUT
-
17
K9
E5
PA9
I/O
FT_fa
-
TIM1_CH2,
SPI2_NSS/I2S2_WS,
I2C1_SCL,
SPI2_SCK/I2S2_CK,
USART1_TX,
CM4_EVENTOUT
-
-
-
H4
PB10
I/O
FT_f
-
TIM2_CH3, I2C3_SCL,
SPI2_SCK/I2S2_CK,
LPUART1_RX, COMP1_OUT,
CM4_EVENTOUT
-
--
G4
PB11
I/O
FT_f
-
TIM2_CH4, I2C3_SDA,
LPUART1_TX, COMP2_OUT,
CM4_EVENTOUT
-
18
J8
F5
NRST
I/O
FT
-
-
-
19
H7
J5
PH3-BOOT0
I/O
FT
-
CM4_EVENTOUT
BOOT0
-L8-
VDD
S
-
-
-
-
Table 19. STM32WLE5/E4xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More